Part Number Hot Search : 
A1103 MC2307 SMV1440L IRF7350 SNC21060 27C21 A1743 R2100
Product Description
Full Text Search
 

To Download 0307004240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0307004240 Active
hdac_64_dualrow_high_density_automotive_connectors 2.54mm (.100"), 3.50mm (.138") Pitch, H-DAC 64TM Hybrid Header, Dual Row,Right Angle, Polarization Option A, Gray, 24 Circuits
Documents: Application Specification (PDF) Drawing (PDF)
Product Specification PS-30700-024 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 30700 Board-to-Board Polarization Option A hdac_64_dualrow_high_density_automotive_connectors H-DAC 64TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 24 24 Gray 10 No No No None Yes Copper Tin Nickel Modified Polystyrene 2 Right Angle 0.145 In 3.69 mm Yes Yes 0.061 In 1.57 mm Tray 0.100 In 2.54 mm Yes Yes Fully No No -40C to +105C Through Hole
Search Parts in this Series 30700Series Mates With 307001 H-DAC 64TM High Density Crimp Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 500V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 40 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-30907-261 PS-30700-024 SD-30700-424
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0307004240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X